|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BAS40/A/C/S SURFACE MOUNT SCHOTTKY DIODES VOLTAGE FEATURES * Fast switching speed * Surface mount package ideally suited for automatic insertion .056(1.40) .047(1.20) .007(.20)MIN .119(3.00) .110(2.80) 40 Volts CURRENT 0.2 Ampers SOT- 23 Unit: inch (mm) Electrical identical standard JEDEC * High conductor * Pb free product : 99% Sn above can meet RoHS environment substance directive request MECHANICAL DATA * Case: SOT-23, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.008 gram .083(2.10) .066(1.70) .006(.15) .002(.05) .044(1.10) .006(.15)MAX .020(.50) .013(.35) ABSOLUTE RATINGS PA RA M E TE R M a r k i ng C o d e R e ve r s e V o l t a g e P e a k R e ve r s e V o l t a g e A v e r a g e R e c t i f i e d C u r r e n t a t Te m p = 2 5 O C N o n- r e p e t i t i ve P e a k F o r w a r d S ur g e C ur r e nt a t t = 1 . 0 s VR V RRM IF ( A V ) IF S M S ym b o l BAS40 S40 BAS40A S 42 40 40 0 .2 0 .6 BAS40C S 43 BAS40S S 44 V V A A U ni t s THERMAL CHARACTERISTICS PA RA M E TE R P o we r D i s s i p a ti o n The r m a l R e s i s t a nc e , J unc t i o n t o A m b i e nt J u n c t i o n Te m p e r a t u r e S t o r a g e Te m p e r a t u r e a t Te m p = 2 5 O C C i r c ui t F i g ur e S ym b o l P TOT R J A TJ T S TG S IN G L E BAS40 BAS40A 225 556 150 -5 5 to 1 5 0 C OMMON A NOD E C OMMON C ATHOD E S E R IE S O BAS40C .035(0.90) BAS40S .086(2.20) .103(2.60) U ni t s mW C /W O C C O SINGLE COMMON ANODE COMMON CATHODE SERIES STAD-AUG.04.2006 PAGE . 1 BAS40/A/C/S ELECTRICAL CHARACTERISTICS PARAMETER Reverse Breakdown Voltage Reverse Current Symbol V(BR) IR VF CT IR=10 uA VR=30 V VR=40 V IF=1.0mA IF=10mA IF=40mA VR=0V, f=1.0MHZ Test Condition MIN. 40 -TYP. --MAX. -1.0 10 0.38 0.50 1.00 5.0 Units V uA Forward Voltage -- -- V Total Capacitance -- -- pF ELECTRICAL CHARACTERISTICS CURVE 100 100 FORWARD CURRENT, mA 10 REVERSE CURRENT, u A 10 T A =125 C O 1.0 T A =75 C O 0.1 1.0 T A =25 C O 0.01 T A =25 C O 0.1 0 0 0.4 0.6 0.8 1.0 0 10 20 30 40 FORWARD VOLTAGE, Volts REVERSE VOLTAGE, Volts FIG. 1-TYPICAL FORWARD CHARACTERISTIC FIG. 2-TYPICAL REVERSE CHARACTERISTICS JUNCTION CAPACITANCE, pF AVERAGE FORWARD CURRENT, mA 3.0 400 2.0 300 200 1.0 100 0 0 10 20 30 40 0 50 100 150 200 REVERSE VOLTAGE, Volts AMBIENT TEMPERATURE( OC) FIG. 4 FORWARD CURRENT DERATING FIG. 3 TYPICAL JUNCTION CAPACITANCE STAD-AUG.04.2006 PAGE . 2 BAS40/A/C/S MOUNTING PAD LAYOUT ORDER INFORMATION * Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel LEGAL STATEMENT Copyright PanJit International, Inc 2006 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. STAD-AUG.04.2006 PAGE . 3 |
Price & Availability of BAS40 |